| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0934 Fiches technique(PDF) 96 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0934 Fiches technique(HTML) 96 Page - STMicroelectronics |
|
96 / 113 page ![]() Extended functions UM0934 96/113 Doc ID 17389 Rev 2 Figure 24. Alarm reception 7.2.3 Alarm repetition If the node is a Server and is configured as REPEATER or ALWAYS_REPEATER (through the MIB object 000Bh, Section 6.5.12) it repeats the alarms by sending NTX alarms. After the transmission is complete, it ignores all alarms that it eventually receives in the next NREJ time-slots. If a CMD_AlarmRequest is sent during the alarm reception, repetition, or the reject window, the ST7570 provides a positive confirm message without sending any additional alarms. Figure 25 shows the behavior of a server, configured as REPEATER, (node 2) with NRX = 2, assuming that node 1 is transmitting an alarm burst with NTX = 8 and NREJ = 9. Figure 25. Alarm repetition Alarm Reception (N RX) Reject Window (NREJ) Alarm Indication NODE 1 (Initiator of alarms): 1 2 3 4 5 6 7 8 9 2 3 4 5 6 7 8 1 2 3 4 5 6 7 8 9 1 1 2 NODE 2 (Receiver): Alarm RECEPTION Alarm IGNORED Alarm TRANSMISSION Alarm Reception (NRX) NODE 1 (Initiator of alarms): NODE 2 (SERVER, repeater): 2 3 4 5 6 7 8 1 2 3 4 5 6 7 8 9 1 1 2 Reject Window (N RE J) 2 3 4 5 6 7 8 1 Alarm Repetition (NTX) 1 2 3 4 5 6 7 8 9 Alarm RECEPTION Alarm IGNORED Alarm TRANSMISSION Alarm Indication |