Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0934 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 19Page - STMicroelectronics UM0934 Datasheet HTML 20Page - STMicroelectronics UM0934 Datasheet HTML 21Page - STMicroelectronics UM0934 Datasheet HTML 22Page - STMicroelectronics UM0934 Datasheet HTML 23Page - STMicroelectronics UM0934 Datasheet HTML 24Page - STMicroelectronics UM0934 Datasheet HTML 25Page - STMicroelectronics UM0934 Datasheet HTML 26Page - STMicroelectronics UM0934 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 113 page
background image
UM0934
MAC layer
Doc ID 17389 Rev 2
23/113
4.3
Services
The following services are available:
●
Data services: to transmit and receive data on the power line
●
Alarm services: to transmit and receive alarms on the power line
●
Synchronization services: to notify or reject a time-slot synchronization.
4.3.1
Data services
The data services provided by the MAC layer allow the upper protocol layers (embedded in
the external host) to manage data transfer on the power line.
Three primitives are available:
●
M_Data.Request(DA, M_sdu, IC, CC, DC): to ask the MAC layer for the transmission of
data M_sdu on the power line to a destination node whose local MAC address is DA
with credit values IC, CC and DC, (see Section 4.8)
●
M_Data.Confirm(T_status): generated by the MAC layer as a response to a previous
M_Data.Request with the result of the transmission (T_status)
●
M_Data.Indication(DA, SA, M_sdu, IC, CC, DC): generated by the MAC layer as soon
as data M_sdu coming from the power line has been received. The local MAC address
of the sender is SA, the destination address is DA while credit values are IC, CC and
DC.
Figure 7.
MAC data services
P_Data.request
P_Data.confirm
PHY
Layer
MAC
Layer
Local Node
Power Line
M_Data.request
M_Data.confirm
Upper
Layers
(ext. Host)
ST7570
P_Data.indication
MAC
Layer
PHY
Layer
Remote Node
M_Data.indication
Upper
Layers
(ext. Host)
ST7570