| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0934 Fiches technique(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0934 Fiches technique(HTML) 17 Page - STMicroelectronics |
|
17 / 113 page ![]() UM0934 Physical layer Doc ID 17389 Rev 2 17/113 Figure 4. PHY alarm services 3.5.3 Synchronization services The synchronization services provided by the physical layer allow the embedded MAC layer (in the case of a MAC access point) or the external host (in the case of a PHY access point) to manage the time-slot synchronization. Two primitives are available: ● P_Synch.Request(): to ask the PHY layer for the rejection of the current time-slot synchronization (if any) ● P_Synch.Indication(): generated by the PHY layer as soon as a new time-slot synchronization is achieved. P_Alarm.request P_Alarm.indication P_Alarm.confirm PHY Layer PHY Layer Embedded MAC layer or external Host Embedded MAC layer or external Host Local Node Remote Node Power Line |