Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0934 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 9Page - STMicroelectronics UM0934 Datasheet HTML 10Page - STMicroelectronics UM0934 Datasheet HTML 11Page - STMicroelectronics UM0934 Datasheet HTML 12Page - STMicroelectronics UM0934 Datasheet HTML 13Page - STMicroelectronics UM0934 Datasheet HTML 14Page - STMicroelectronics UM0934 Datasheet HTML 15Page - STMicroelectronics UM0934 Datasheet HTML 16Page - STMicroelectronics UM0934 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 113 page
background image
UM0934
Functional overview
Doc ID 17389 Rev 2
13/113
2.2
Access points
The external host can access the protocol stack at two points:
●
MAC access (or MAC mode): the external host operates and controls the ST7570
through its embedded MAC. The host interface exports all the MAC functions and
services on the local port
●
PHY access (or PHY mode): the embedded MAC layer is bypassed and the external
host can directly access the PHY layer. The host interface exports all the PHY functions
and services on the local port.