Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4440 Fiches technique(PDF) 34 Page - STMicroelectronics

No de pièce AN4440
Description  RFFE HVDAC control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4440 Fiches technique(HTML) 34 Page - STMicroelectronics

Back Button AN4440 Datasheet HTML 28Page - STMicroelectronics AN4440 Datasheet HTML 29Page - STMicroelectronics AN4440 Datasheet HTML 30Page - STMicroelectronics AN4440 Datasheet HTML 31Page - STMicroelectronics AN4440 Datasheet HTML 32Page - STMicroelectronics AN4440 Datasheet HTML 33Page - STMicroelectronics AN4440 Datasheet HTML 34Page - STMicroelectronics AN4440 Datasheet HTML 35Page - STMicroelectronics AN4440 Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
Conclusion
AN4440
34/36
DocID025913 Rev 1
6
Conclusion
The purpose of this application note has been to assist the designer in programming RFFE
HVDAC, either in basic mode, trigger mode, or the more complex extended mode. This
document may also serve as a reference for managing HVDAC programming when several
HVDACs are implemented on the same platform and connected to the same RFFE bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36