Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4440 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce AN4440
Description  RFFE HVDAC control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4440 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button AN4440 Datasheet HTML 7Page - STMicroelectronics AN4440 Datasheet HTML 8Page - STMicroelectronics AN4440 Datasheet HTML 9Page - STMicroelectronics AN4440 Datasheet HTML 10Page - STMicroelectronics AN4440 Datasheet HTML 11Page - STMicroelectronics AN4440 Datasheet HTML 12Page - STMicroelectronics AN4440 Datasheet HTML 13Page - STMicroelectronics AN4440 Datasheet HTML 14Page - STMicroelectronics AN4440 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
DocID025913 Rev 1
11/36
AN4440
RFFE normal modes
36
Test with AUT (manual mode)
On the right of the HVDAC window, enter manually each bit in the “Manual Command” text
boxes.
•
USID
•
Write
•
Register address
•
First parity bit
•
Data
•
Second parity bit
To send the manual frame, click “Send”.
Figure 8. Test with AUT (manual mode)
Measure HVDAC B output: should be 2.8 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36