Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4440 Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce AN4440
Description  RFFE HVDAC control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4440 Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button AN4440 Datasheet HTML 18Page - STMicroelectronics AN4440 Datasheet HTML 19Page - STMicroelectronics AN4440 Datasheet HTML 20Page - STMicroelectronics AN4440 Datasheet HTML 21Page - STMicroelectronics AN4440 Datasheet HTML 22Page - STMicroelectronics AN4440 Datasheet HTML 23Page - STMicroelectronics AN4440 Datasheet HTML 24Page - STMicroelectronics AN4440 Datasheet HTML 25Page - STMicroelectronics AN4440 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
RFFE extended mode
AN4440
22/36
DocID025913 Rev 1
Test with AUT (automatic mode)
Check the box "Enable Extended Mode" and set the DAC values.
Click on "Send" button.
Figure 28. Enable extended mode with AUT
Test with AUT (manual mode)
The AUT is not ready for extended mode performed manually because its manual mode
sends a "bus park" after each transmission of 22 bits. The next bytes are out of the protocol,
thus, not understood and the frames are refused. No HVDAC change occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36