Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4440 Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce AN4440
Description  RFFE HVDAC control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4440 Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button AN4440 Datasheet HTML 25Page - STMicroelectronics AN4440 Datasheet HTML 26Page - STMicroelectronics AN4440 Datasheet HTML 27Page - STMicroelectronics AN4440 Datasheet HTML 28Page - STMicroelectronics AN4440 Datasheet HTML 29Page - STMicroelectronics AN4440 Datasheet HTML 30Page - STMicroelectronics AN4440 Datasheet HTML 31Page - STMicroelectronics AN4440 Datasheet HTML 32Page - STMicroelectronics AN4440 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
DocID025913 Rev 1
29/36
AN4440
USID modification
36
5.2.3
Frame construction
The USID modification procedure is described for one HVDAC in Section 5.1.2: Sequence
construction.
Example 6
Change USID of HVDAC1 (SELSID to GND) and set it to 0001
•
First frame: register 29 update: initial USID = 0111b, register 29 = 11101b, SELSID = 0,
product ID = 00000010b, parity 1 = 1, parity 2 = 0. SELSID is equal to 0 which is
different from HVDAC2 and differentiates both HVDACs.
Figure 45. HVDAC1 USID - register 29
•
Second frame: register 30 update: initial USID = 0111b, register 30 = 11110b,
manufacturer ID = 00000100b, parity 1 = 1, parity 2 = 0
Figure 46. HVDAC1 USID - register 30
•
Third frame: register 31 update: Initial USID = 0111b, register 31 = 11101b,
manufacturer ID (short) = 0001b, New USID = 0001b, parity 1 = 0, parity 2 = 0
Figure 47. HVDAC1 USID - register 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36