Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4440 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce AN4440
Description  RFFE HVDAC control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4440 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button AN4440 Datasheet HTML 19Page - STMicroelectronics AN4440 Datasheet HTML 20Page - STMicroelectronics AN4440 Datasheet HTML 21Page - STMicroelectronics AN4440 Datasheet HTML 22Page - STMicroelectronics AN4440 Datasheet HTML 23Page - STMicroelectronics AN4440 Datasheet HTML 24Page - STMicroelectronics AN4440 Datasheet HTML 25Page - STMicroelectronics AN4440 Datasheet HTML 26Page - STMicroelectronics AN4440 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
DocID025913 Rev 1
23/36
AN4440
USID modification
36
5
USID modification
5.1
One HVDAC
5.1.1
Introduction
USID stands for Unique Slave Identifier. It is coded on 4 bits at the beginning of each RFFE
frame. Any HVDAC has a USID, by default 0111b, but can be reprogrammed. This is the
way to discriminate one slave from another and send instructions to the right device.
5.1.2
Sequence construction
USID reprogramming can be performed in 3 steps:
1.
Register 29 update
–
During this instruction, the USID, SELSID and product ID are checked and must
match the device
Figure 29. Register 29 update
2.
Register 30 update
–
During this instruction, the manufacturer ID is checked and must match the device
Figure 30. Register 30 update
3.
Register 31 update
–
During this instruction, the New USID is defined: here 0001b
Figure 31. Register 31 update



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36