| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4440 Fiches technique(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4440 Fiches technique(HTML) 27 Page - STMicroelectronics |
|
27 / 36 page ![]() DocID025913 Rev 1 27/36 AN4440 USID modification 36 • Send a value to register 1 Figure 42. Test new USID • Check that the old USID is no longer valid Figure 43. Check that old USID is no longer valid 5.2 Two HVDACs 5.2.1 Introduction When two HVDACs are connected on the same RFFE bus, the first preoccupation is to distinguish them. Initially both have the same USID: 0111b. The unique difference is the SELSID pin. One HVDAC should be connected to GND and the other should be connected to VCC. This differentiation allows reprogramming differently the USID of each one. Finally, when the HVDACs have two different USIDs, it is possible to send commands independently to one or the other. |