Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4018 Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce AN4018
Description  Data link communication protocol for the ST7580 power line
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4018 Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button AN4018 Datasheet HTML 15Page - STMicroelectronics AN4018 Datasheet HTML 16Page - STMicroelectronics AN4018 Datasheet HTML 17Page - STMicroelectronics AN4018 Datasheet HTML 18Page - STMicroelectronics AN4018 Datasheet HTML 19Page - STMicroelectronics AN4018 Datasheet HTML 20Page - STMicroelectronics AN4018 Datasheet HTML 21Page - STMicroelectronics AN4018 Datasheet HTML 22Page - STMicroelectronics AN4018 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Example to configure the communication protocol
AN4018
20/23
DocID022544 Rev 3
{
}
C.2
Configure and run the data link layer
To configure the data link layer, it is necessary to call the function “DL_Init(DLType)”
provided in the services.h, only once in the main.c.
To run the data link it is necessary to call, in a loop, the function “DL_FSM()” provided in the
dl_mgt20.h.
The following example shows these:
Example:
void main(void)
{
DL_Init(DL_MASTER);
while(1)
{
DL_FSM();
}
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23