Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4018 Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce AN4018
Description  Data link communication protocol for the ST7580 power line
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4018 Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button AN4018 Datasheet HTML 8Page - STMicroelectronics AN4018 Datasheet HTML 9Page - STMicroelectronics AN4018 Datasheet HTML 10Page - STMicroelectronics AN4018 Datasheet HTML 11Page - STMicroelectronics AN4018 Datasheet HTML 12Page - STMicroelectronics AN4018 Datasheet HTML 13Page - STMicroelectronics AN4018 Datasheet HTML 14Page - STMicroelectronics AN4018 Datasheet HTML 15Page - STMicroelectronics AN4018 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Service description
AN4018
12/23
DocID022544 Rev 3
4.2.3
Get MAC address
void DL_AddressGet(u8* Address)
Description:
This service is used to read the current MAC address.
Input parameters:
Address: pointer to the address (6-byte array).
Output parameters:
None.
Return value:
None.
4.3
Data link services
These services provide the functions to send, to receive messages and to manage the
network joining.
4.3.1
Allow join request
s8 DL_AllowJoinRequest(u8* DAddress, u8* Data, u8 Dlen)
Description:
This service is used by the application layer to perform an “allow join request” to another
node.
Input parameters:
DAddress: pointer to destination node MAC address
Data: pointer to data collection to send to the node (free application data)
Dlen: length of data, number of bytes.
Output parameters:
None.
Return value:
Data link error code value.
4.3.2
Join Indication
u8* DL_JoinIndication(void)
Description:
This service reports to the application layer if a join indication occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23