Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4018 Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce AN4018
Description  Data link communication protocol for the ST7580 power line
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4018 Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button AN4018 Datasheet HTML 15Page - STMicroelectronics AN4018 Datasheet HTML 16Page - STMicroelectronics AN4018 Datasheet HTML 17Page - STMicroelectronics AN4018 Datasheet HTML 18Page - STMicroelectronics AN4018 Datasheet HTML 19Page - STMicroelectronics AN4018 Datasheet HTML 20Page - STMicroelectronics AN4018 Datasheet HTML 21Page - STMicroelectronics AN4018 Datasheet HTML 22Page - STMicroelectronics AN4018 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
DocID022544 Rev 3
19/23
AN4018
Example to configure the communication protocol
Appendix C
Example to configure the communication
protocol
C.1
Configure the STM32Fx family serial layer
Follow the STM32Fx family USART configuration used inside the serial layer to
communicate with a PLM device:
Usart ' USART3
USART_RX_GPIO ' GPIO_Pin_11_PORT_B
USART_TX_GPIO ' GPIO_Pin_10_PORT_B
The part of the code to modify is:
/*-----------------------------------------------------------*/
/* Serial Define */
#define USART
USART3
#define USART_PORT
GPIOB
#define USART_TX
GPIO_Pin_10
#define USART_RX
GPIO_Pin_11
#define USART_TR
GPIO_Pin_9
#define USART_IRQ
USART3_IRQn
#define RCC_APBPeriph_USART RCC_APB1Periph_USART3
#define RCC_APBPeriph_USART_ClockCmd(Periph_USART,value)
RCC_APB1PeriphClockCmd(Periph_USART,value)
#define RCC_APBPeriph_GPIO RCC_APB2Periph_GPIOB
#define RCC_APBPeriph_GPIO_ClockCmd(Periph_GPIO,value)
RCC_APB2PeriphClockCmd(Periph_GPIO,value)
/*------------------------------------------------------------*/
The names "RCC_APB2Periph_GPIOB", "GPIO_Pin_x", "USART3" ecc.
The names are defined in the STM32F10x_StdPeriph_Driver.
Furthermore, it is necessary to call the function “vUARTInterruptHandler()” defined in
serial.c in the appropriate InterruptServiceRoutine. The following example shows the ISR of
USART3 in the Interrupt file of the STM32Fx family library:
Example:
void PPP_IRQHandler(void)
{
}
void UART4_IRQHandler(void)
{
}
void USART3_IRQHandler(void)
{
vUARTInterruptHandler();
}
void USART1_IRQHandler(void)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23