| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4018 Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4018 Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 23 page ![]() DocID022544 Rev 3 13/23 AN4018 Service description Input parameters: None. Output parameters: None. Return value: Join indication identifier. 4.3.3 Data request s8 DL_DataRequest(u8* DAddress, u8 Dlen, u8* Data) Description: This service is used by the application layer to send a data collection to another node. Input parameters: • DAddress: pointer to destination node MAC address • Data: pointer to data collection to send to the node • Dlen: length of data, number of bytes. Output parameters: None. Return value: Data link error code value. 4.3.4 Data indication u8* DL_DataIndication(u8* SAddress, u8* DLen, u8* DiParam) Description: This service reports to the application layer if a data indication occurs. Input parameters: None. Output parameters: • SAddress: pointer to source node MAC address • Dlen: length of data payload, number of bytes • DiParam: data indication parameters, 4 bytes (see the UM0932 user manual). Return value: Pointer to data collection (payload). |