| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4018 Fiches technique(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4018 Fiches technique(HTML) 17 Page - STMicroelectronics |
|
17 / 23 page ![]() DocID022544 Rev 3 17/23 AN4018 Join procedure Appendix A Join procedure Figure 5 shows the join procedure diagram. Figure 5. Join procedure diagram The actions performed by the master are: • Sends the allow join • Waits for the join acknowledge • When the join request arrives, it sends a join ACK and marks the module as “Joined”. At the same time the actions performed by the slave are: • Waits for the allow join request • When an allow join request arrives, sends a join request • Waits for the JACK • When the JACK arrives, the module is able to receive a data. The message sequences are described in Figure 6: Figure 6. Message sequences The join procedure is mandatory for nodes configured as slave; if the joined procedure doesn't perform correctly, a slave node is not able to communicate with the master. |