Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4018 Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce AN4018
Description  Data link communication protocol for the ST7580 power line
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4018 Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button AN4018 Datasheet HTML 14Page - STMicroelectronics AN4018 Datasheet HTML 15Page - STMicroelectronics AN4018 Datasheet HTML 16Page - STMicroelectronics AN4018 Datasheet HTML 17Page - STMicroelectronics AN4018 Datasheet HTML 18Page - STMicroelectronics AN4018 Datasheet HTML 19Page - STMicroelectronics AN4018 Datasheet HTML 20Page - STMicroelectronics AN4018 Datasheet HTML 21Page - STMicroelectronics AN4018 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
The STM32Fx family modem configuration parameter description
AN4018
18/23
DocID022544 Rev 3
Appendix B
The STM32Fx family modem configuration
parameter description
The following is a description of the modem configuration data struct:
typedef struct{
u32 m_Ser_H_Freq;
/* Frequency H Channel */
u32 m_Ser_L_Freq;
/* Frequency L Channel */
u8 m_Rx_Control;
/* RX Control Parameters */
u8 m_SerGain;
/* Gain*/
u16 m_SerZeroCrossing;
/*Zero Crossing*/
SV_PRE_LEN m_SerPSKPreamLen;
/*PSK Preamble Length*/
u8 m_FSK_Config_Byte
/* FSK Configuration Byte */
}MOD_ConfigTypedef;
The valid value of the parameters are:
¢
m_Ser_H_Freq;
CENELEC A-B or C, compliant frequency integer value.
¢
m_SerL_Freq;
CENELEC A-B or C, compliant frequency integer value.
¢
m_ m_Rx_Control;
Rx Control byte value (see datasheet).
¢
m_SerGain;
integer value from 0 to 31.
¢
m_SerZeroCrossing;
Zero Crossing delay value.
¢
m_SerPSKPreamLen;
BIT_16, BIT_24, BIT_32,BIT_40.
¢
m_FSK_Config_Byte;
FSK Configuration Byte, (see datasheet).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23