Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0715 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce UM0715
Description  SPC563MPrimerBasic
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0715 Fiches technique(HTML) 5 Page - STMicroelectronics

  UM0715 Datasheet HTML 1Page - STMicroelectronics UM0715 Datasheet HTML 2Page - STMicroelectronics UM0715 Datasheet HTML 3Page - STMicroelectronics UM0715 Datasheet HTML 4Page - STMicroelectronics UM0715 Datasheet HTML 5Page - STMicroelectronics UM0715 Datasheet HTML 6Page - STMicroelectronics UM0715 Datasheet HTML 7Page - STMicroelectronics UM0715 Datasheet HTML 8Page - STMicroelectronics UM0715 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
UM0715
Main features
Doc ID 15798 Rev 2
5/24
2.1.2
Basic engine
Basic engine button inserts the basic interpreter inside the Primer. The basic interpreter will
be loaded into the SPC563M flash memory.
2.1.3
Script files
Script File section allows script files management:
●
New: it starts notepad to edit a new script
●
Open: it allows selecting an existing script. It will be edit only in reading mode on the
application GUI
●
Edit: It starts the notepad with the script selected by “Open” button to modify the
content. After the modification, to show the updated version of the script on the
application GUI, the user has to push again “Open” button to reload the script
●
Load: It allows flashing the script selected by “Open” button into the SPC563M memory
2.1.4
Monitor
This section allows enabling the output of the SPC563M Primer.
Start button allows starting the execution of the script loaded into the flash of the SPC563M
Primer and the output will be show on the output window. Stop button arrests the execution
of the script.
To save the output on a log file, select the file name using browser button and check file log
enable.
“Quit” button allows closing the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24