| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0715 Fiches technique(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0715 Fiches technique(HTML) 14 Page - STMicroelectronics |
|
14 / 24 page ![]() Basic command UM0715 14/24 Doc ID 15798 Rev 2 GPIOI Initializes the GPIO. Parameter GPIO_NUMBER select the GPIO among the following table: Value Primer Pin Functionality 179 2 EMIOS 0 181 4 EMIOS 2 183 6 EMIOS 4 187 8 EMIOS 8 104 1 GPIO 104 103 3 GPIO 103 102 5 GPIO 102 105 7 GPIO 105 106 9 GPIO106 107 11 GPIO 107 108 13 GPIO 108 190 LED 1 - 193 LED 2 - 191 LED 3 - GPIO_I/O set the GPIO as I/O: 1 input, 2 output Usage GPIOI GPIO_NUMBER GPIO_I/O GPIOI 179 2 GPIOH Assert the GPIO indicated into the parameter. Parameter GPIO_NUMBER set the GPIO = 1. Usage GPIOH GPIO_NUMBER GPIOH 179 Table 1. Basic commands (continued) Name Remarks |