Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0715 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce UM0715
Description  SPC563MPrimerBasic
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0715 Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button UM0715 Datasheet HTML 2Page - STMicroelectronics UM0715 Datasheet HTML 3Page - STMicroelectronics UM0715 Datasheet HTML 4Page - STMicroelectronics UM0715 Datasheet HTML 5Page - STMicroelectronics UM0715 Datasheet HTML 6Page - STMicroelectronics UM0715 Datasheet HTML 7Page - STMicroelectronics UM0715 Datasheet HTML 8Page - STMicroelectronics UM0715 Datasheet HTML 9Page - STMicroelectronics UM0715 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
How to use
UM0715
6/24
Doc ID 15798 Rev 2
3
How to use
Run the tool from the start menu (Start, Programs, STMicroelectronics, Component, Basic
Primer).
First step is to load the BASIC engine into the Primer. You can do so by selecting the "Basic
Engine" button.
From the GUI now you can:
●
Create a new BASIC script or open an existing one by choosing "New" or "Open".
●
Edit the BASIC script by choosing "Edit".
●
Transfer the BASIC script to the SPC563M Primer by choosing "Load".
●
Start/stop the execution of the application by choosing "Start" or "Stop".
●
Quit the application by choosing "Quit"
The text window in the "Script files" section shows the contents of the script.
The text window in the "Monitor" section shows the output of the script.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24