Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0715 Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce UM0715
Description  SPC563MPrimerBasic
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0715 Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button UM0715 Datasheet HTML 15Page - STMicroelectronics UM0715 Datasheet HTML 16Page - STMicroelectronics UM0715 Datasheet HTML 17Page - STMicroelectronics UM0715 Datasheet HTML 18Page - STMicroelectronics UM0715 Datasheet HTML 19Page - STMicroelectronics UM0715 Datasheet HTML 20Page - STMicroelectronics UM0715 Datasheet HTML 21Page - STMicroelectronics UM0715 Datasheet HTML 22Page - STMicroelectronics UM0715 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
UM0715
Errors
Doc ID 15798 Rev 2
19/24
6
Errors
Sometimes PrimerBasic will terminate with an error message. Usually these are due to
typing mistakes or logic errors in the basic program. Occasionally they may be caused by
the computer running out of resources, by illegal input, or by internal errors in the
PrimerBasic interpreter.
Following a list of the errors that can be occurred.
●
Can’t read program
You have called PrimerBasic with something it cannot recognise as a PrimerBasic
program at all, for instance with a text file containing a nursery rhyme.
●
Program lines not in order
Lines have to be in numerical order. If lines are out of order, you will receive this error.
●
Line not found
You have tried to jump to a non existent line.
●
Syntax error line
This means that the interpreter has encountered a line it cannot understand. It is a
catch all error, incorporating things such as identifiers starting with digits, or lines not
terminated with a newline.
●
Out of memory
The SPC563M Primer has run out of memory. This may occur when you try to
dimension a huge array, or it may occur at any time if the computer is low on resources,
since PrimerBasic uses memory internally. Be particularly careful when dimensioning
arrays with variables.
●
Identifier too long
An identifier (variable name) is allowed to be only 31 characters long, including the $ for
a string identifier. For dimensioned variables the number is one less.
●
No such variable
You have attempted to use a variable that has not been initiated.
●
Bad subscript
You have tried to access a dimensioned array beyond its dimensioned size.
●
Too many dimensions
You have tried to dimension an array with more than five dimensions.
●
Too many initialilers
In initialising a dimensioned array, you have tried to list more values than you have
space for.
●
Illegal type
You have tried to use a string variable as the counter for a for loop.
●
Too many nested fors line
Maximum depth of FOR .. NEXT loops is 32. Exceeding this limit is probably due to
problems with jumping out of FOR ... NEXT loops.
●
For without matching next
You have declared a FOR statement but not a matching NEXT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24