| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0715 Fiches technique(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0715 Fiches technique(HTML) 22 Page - STMicroelectronics |
|
22 / 24 page ![]() Script examples UM0715 22/24 Doc ID 15798 Rev 2 160 DELAY 500000 170 GPIOH 190 180 GPIOH 193 190 GPIOL 191 200 DELAY 500000 210 GPIOL 190 220 GPIOH 193 230 GPIOL 191 240 DELAY 500000 250 GPIOH 190 260 GPIOL 193 270 GPIOL 191 280 DELAY 500000 290 GPIOL 190 300 GPIOL 193 310 GPIOL 191 320 DELAY 500000 370 GOTO 30 7.4 CAN monitoring The following example prints CAN message received. To execute this test, copy and paste the following code in a txt file and load it how already described. 20 CAN_INIT 30 ON_CAN_RX 100 40 GOTO 40 100 CAN_RX_PRINT 120 RETURN |