Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0715 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce UM0715
Description  SPC563MPrimerBasic
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0715 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button UM0715 Datasheet HTML 5Page - STMicroelectronics UM0715 Datasheet HTML 6Page - STMicroelectronics UM0715 Datasheet HTML 7Page - STMicroelectronics UM0715 Datasheet HTML 8Page - STMicroelectronics UM0715 Datasheet HTML 9Page - STMicroelectronics UM0715 Datasheet HTML 10Page - STMicroelectronics UM0715 Datasheet HTML 11Page - STMicroelectronics UM0715 Datasheet HTML 12Page - STMicroelectronics UM0715 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
UM0715
Basic command
Doc ID 15798 Rev 2
9/24
FOR
The FOR statement consists of three parts, the initial set-up value, a TO value, and an optional
STEP value.
10 DIM array(100)
20 FOR I = 1 TO 100
30 PRINT I
40 NEXT I
will print hundred values. The variable in the NEXT statement must be the same as that in the
matching FOR.
FOR loops may be nested to a maximum depth of 32.
10 DIM chess(8,8)
20 FOR I = 1 TO 8
30 FOR J = 1 TO 8
40 chess(j,i) = 1.0
50 NEXT J
60 NEXT I
The step value does not need to be 1, and may be negative. For instance:
10 FOR I = 1 TO 10 STEP 2
20 PRINT I
30 NEXT I
40 FOR I = 10 TO 1 STEP ?0.3
50 PRINT I
60 NEXT I
The initial, to, and step values are calculated once on entering the FOR loop, they are then
constant.
10 LET x = 10
20 FOR I = 1 TO x STEP x/5
30 PRINT I
35 REM Next line has no effect
40 LET x = x + 1
50 NEXT I
If the TO value is lower than the initial value (or higher if the STEP value is negative) then the
loop does not execute. Control passes to the first matching NEXT.
It is important not to jump out of FOR ... NEXT loops, or get the nesting order wrong, otherwise
control flow will become confused. To terminate a loop prematurely, set the counter to the TO
value, and jump to the matching NEXT.
Usage
FOR id = numeric TO numeric STEP numeric
...
NEXT id
Table 1.
Basic commands (continued)
Name
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24