| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3190 Fiches technique(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3190 Fiches technique(HTML) 49 Page - STMicroelectronics |
|
49 / 56 page ![]() AN3190 Detailed pad list Doc ID 17333 Rev 2 49/56 A.125 Pad 125 - D[0] A.126 Pad 126 A.127 Pad 127 A.128 Pad 128 - D[3] ] FlexRay - CA TR — eTimer 1 - ETC[0] — FlexPWM 0 - A[1] — Table 129. Pad 124 - C[15]: fully compatible (continued) SPC560Px SPC56EL60 Comment Table 130. Pad 125 - D[0]: fully compatible SPC560Px SPC56EL60 Comment GPIO[48] — FlexRay - CA TX — eTimer 1 - ETC[1] — FlexPWM 0 - B[1] — Table 131. Pad 126: fully compatible SPC560Px SPC56EL60 Comment VDD_HV_IO3 VDD_HV_IO — Table 132. Pad 127: fully compatible SPC560Px SPC56EL60 Comment VSS_HV_IO3 VSS_HV_IO — Table 133. Pad 128 - D[3]: fully compatible SPC560Px SPC56EL60 Comment GPIO[51] — FlexRay - CB TX — eTimer 1 - ETC[4] — FlexPWM 0 - A[3] — |