Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3190 Fiches technique(PDF) 52 Page - STMicroelectronics

No de pièce AN3190
Description  LQFP144 pinout compatibility analysis
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3190 Fiches technique(HTML) 52 Page - STMicroelectronics

Back Button AN3190 Datasheet HTML 48Page - STMicroelectronics AN3190 Datasheet HTML 49Page - STMicroelectronics AN3190 Datasheet HTML 50Page - STMicroelectronics AN3190 Datasheet HTML 51Page - STMicroelectronics AN3190 Datasheet HTML 52Page - STMicroelectronics AN3190 Datasheet HTML 53Page - STMicroelectronics AN3190 Datasheet HTML 54Page - STMicroelectronics AN3190 Datasheet HTML 55Page - STMicroelectronics AN3190 Datasheet HTML 56Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 52 / 56 page
background image
Detailed pad list
AN3190
52/56
Doc ID 17333 Rev 2
A.136
Pad 136 - A[13]
A.137
Pad 137
A.138
Pad 138 - B[6]
Table 141. Pad 136 - A[13]: fully compatible
SPC560Px
SPC56EL60
Comment
GPIO[13]
—
EIRQ[12]
—
DSPI 2 - SIN
—
FlexPWM 0 - FAULT[0]
—
FlexPWM 0 - B[2]
—
Table 142. Pad 137: non-compatible
SPC560Px
SPC56EL60
Comment
GPIO[82] - F[2]
—
SPC56EL60 does not support this digital IO.
FlexRay - DBG 2
—
SPC56EL60 supports this function on pad 77.
Compatibility cannot be achieved.
This function is used for debugging purposes
according to the FlexRay protocol.
DSPI 3 - CS 1
—
SPC56EL60 does not include the DSPI 3.
—
VSS_LV_COR
—
Table 143. Pad 138 - B[6]: fully compatible
SPC560Px
SPC56EL60
Comment
GPIO[22]
—
EIRQ[18]
—
CLKOUT
—
DSPI 2 - CS 2
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56