| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3190 Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3190 Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 56 page ![]() AN3190 Pad compatibility Doc ID 17333 Rev 2 13/56 75 (A.75)FlexRay - DBG 3 SPC560Px supports this function on pad 139, but compatibility cannot be achieved. This function is used for debugging purposes according to the FlexRay protocol. 76 (A.76) eTimer 0 - ETC[0] Compatibility can be achieved on pad 73. 77 (A.77) FlexRay - DBG 2 SPC560Px supports this function on pad 137, but compatibility cannot be achieved. This function is used for debugging purposes according to the FlexRay protocol. DSPI 2 - CS 3 Compatibility on this function can be achieved on pad 82. 78 (A.78) eTimer 0 - ETC[1] Compatibility on this function can be achieved on pad 74. 79 (A.79) EIRQ[29] SPC560Px supports this function on pad 135, but compatibility cannot be achieved. FlexRay - DBG 1 SPC560Px supports this function on pad 135, but full compatibility cannot be achieved. This function is used for debugging purposes according to the FlexRay protocol. DSPI 1 - CS 1 SPC560Px supports this function on pad 130, but full compatibility cannot be achieved. 81 (A.81) EIRQ[21] SPC560Px supports this function on pad 133, but compatibility cannot be achieved. FlexRay - DBG 0 SPC560Px supports this function on pad 133, but full compatibility cannot be achieved. This function is used for debugging purposes according to the FlexRay protocol. DSPI 0 - CS 1 SPC560Px supports this function on pad 16, but full compatibility cannot be achieved. 86 (A.86) GPIO[21] - B[5] Compatibility on this function cannot be achieved. 89 (A.89) GPIO[20] - B[4] Compatibility on this function cannot be achieved. 100 (A.100) eTimer 0 - ETC[5] Compatibility on this function can be achieved on pad 47 and pad 82. 102 (A.102) DSPI 1 - CS 1 SPC560Px supports this function on pad 130, but compatibility cannot be achieved. 104 (A.104) eTimer 0 - ETC[4] Compatibility on this function can be achieved on pad 64, 80 and108. 105 (A.105) eTimer 0 - ETC[3] Compatibility on this function can be achieved on pad 92. 106 (A.106) EIRQ[30] SPC560Px supports this function on pad 96, but compatibility cannot be achieved. 110 (A.110) CAN 1 - RXD Compatibility on this function can be achieved on pad 144. 112 (A.112) EIRQ[31] SPC560Px supports this function on pad 141, but compatibility cannot be achieved. Table 3. Partially compatible pads: SPC56EL60 functionalities not supported on SPC560Px Pad No. Functionality not supported on SPC560Px Comment |