Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3190 Fiches technique(PDF) 37 Page - STMicroelectronics

No de pièce AN3190
Description  LQFP144 pinout compatibility analysis
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3190 Fiches technique(HTML) 37 Page - STMicroelectronics

Back Button AN3190 Datasheet HTML 33Page - STMicroelectronics AN3190 Datasheet HTML 34Page - STMicroelectronics AN3190 Datasheet HTML 35Page - STMicroelectronics AN3190 Datasheet HTML 36Page - STMicroelectronics AN3190 Datasheet HTML 37Page - STMicroelectronics AN3190 Datasheet HTML 38Page - STMicroelectronics AN3190 Datasheet HTML 39Page - STMicroelectronics AN3190 Datasheet HTML 40Page - STMicroelectronics AN3190 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
AN3190
Detailed pad list
Doc ID 17333 Rev 2
37/56
A.78
Pad 78 - D[11]
A.79
Pad 79 - G[9]
A.80
Pad 80 - C[11]
Table 83.
Pad 78 - D[11]: partially compatible
SPC560Px
SPC56EL60
Comment
GPIO[59]
—
FlexPWM 0 - B[0]
—
DSPI 3 - CS 1
—
SPC56EL60 does not include the DSPI 3.
—
eTimer 0 - ETC[1]
Full compatibility on this function can be
achieved on pad 74.
Table 84.
Pad 79 - G[9]: upward compatible
SPC560Px
SPC56EL60
Comment
GPIO[105]
—
FlexPWM 0 - FAULT[1]
—
—EIRQ[29]
SPC560Px supports this function on pad 135,
but full compatibility cannot be achieved.
—FlexRay - DBG 1
SPC560Px supports this function on pad 135,
but full compatibility cannot be achieved.
This function is used for debugging purposes
according to the FlexRay protocol.
—
DSPI 1 - CS 1
SPC560Px supports this function on pad 130,
but full compatibility cannot be achieved.
Table 85.
Pad 80 - C[11]: partially compatible
SPC560Px
SPC56EL60
Comment
GPIO[43]
—
eTimer 0 - ETC[4]
—
DSPI 2 - CS 2
—
DSPI 3 - CS 0
—
SPC56EL60 does not include the DSPI 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56