| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3190 Fiches technique(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3190 Fiches technique(HTML) 28 Page - STMicroelectronics |
|
28 / 56 page ![]() Detailed pad list AN3190 28/56 Doc ID 17333 Rev 2 A.40 Pad 40 A.41 Pad 41 - C[1] A.42 Pad 42 - E[4] A.43 Pad 43 - B[7] ADC 0 - AN[4] — This analog channel is supported by SPC56EL60 on pad 46. — VDD_LV_COR0_4 — Table 44. Pad 39: non-compatible (continued) SPC560Px SPC56EL60 Comment Table 45. Pad 40: non-compatible SPC560Px SPC56EL60 Comment GPIO[67] - E[3] — Not supported by SPC56EL60 ADC 0 - AN[6] — This analog channel is supported by SPC56EL60 on pad 48. — VSS_LV_COR0_4 — Table 46. Pad 41 - C[1]: fully compatible SPC560Px SPC56EL60 Comment GPIO[33] — ADC 0 - AN[2] — Table 47. Pad 42 - E[4]: fully compatible SPC560Px SPC56EL60 Comment GPIO[68] — ADC 0 - AN[7] — Table 48. Pad 43 - B[7]: fully compatible SPC560Px SPC56EL60 Comment GPIO[23] — ADC 0 - AN[0] — LINFlex - RXD — |