| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3190 Fiches technique(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3190 Fiches technique(HTML) 35 Page - STMicroelectronics |
|
35 / 56 page ![]() AN3190 Detailed pad list Doc ID 17333 Rev 2 35/56 A.71 Pad 71 A.72 Pad 72 A.73 Pad 73 - A[0] A.74 Pad 74 - A[1] Table 76. Pad 71: fully compatible SPC560Px SPC56EL60 Comment VSS_LV_REGCOR VSS_LV_COR — Table 77. Pad 72: fully compatible SPC560Px SPC56EL60 Comment VDD_HV_REG VDD_HV_PMU — Table 78. Pad 73 - A[0]: partially compatible SPC560Px SPC56EL60 Comment GPIO[0] — EIRQ[0] — eTimer 0 - ETC[0] — DSPI 2 - SCK — FCU - F[0] — For safety reasons SPC56EL60 supports this function on a dedicated pad. Compatibility on the F[0] functionality can be achieved on pad 38. Table 79. Pad 74 - A[1]: partially compatible SPC560Px SPC56EL60 Comment GPIO[1] — EIRQ[1] — eTimer - ETC[1] — DSPI 2 - SOUT — FCU - F[1] — For safety reasons SPC56EL60 supports this function on a dedicated pad. Compatibility on the F[1] functionality can be achieved on this pad. |