| Moteur de recherche de fiches techniques de composants électroniques |
|
ADMCF341 Fiches technique(PDF) 24 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADMCF341 Fiches technique(HTML) 24 Page - Analog Devices |
|
24 / 36 page ![]() REV. A –24– ADMC(F)341 DSP CORE SPORT1 DT1 FL1 TFS1 RFS1 DR1 SCLK1 DSP CORE SPORT0 DT1 FL1 TFS1 RFS1 SCLK1 SPI CONTROL BLOCK MODECTRL REGISTER (04) SPORT1 BOOT MODE/UART MODE MODECTRL REGISTER (15) SPORT0 SPORT MODE/UART MODE MODECTRL REGISTER (14..13..12) SPORT0 SPI INTERFACE CONTROL DT1/FL1 DR1 SCLK1/SCLK0 DT0 DR0 TFS0 RFS0 Figure 19. SPORT0 and SPORT1 Internal Multiplexing (Simplified Diagram) Table XI. SPORT0 Pin Assignment in SPI Mode SPORT I/O Signal SPI Mode SPI Mode I/O DT0 (Data Transmit) MOSI Output (Master Output/ Slave Input) DR0 MISO Input (Master Input/ Slave Output) TFS0 SS Output (Slave Select) RFS0 Unused N/A SCLK0 SCK Output (Serial Clock) The slave select pin automatically generates the select signal at each word transfer. This pin can also be used as a general- purpose I/O during the SPI transfer without affecting the SPORT operations. The SPI clock polarity and phase are configurable through Bits 13 and 12 of the MODECTRL register. The SPI transfer using clock phase is shown in Figures 20 and 21. |