| Moteur de recherche de fiches techniques de composants électroniques |
|
ADMCF341 Fiches technique(PDF) 31 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADMCF341 Fiches technique(HTML) 31 Page - Analog Devices |
|
31 / 36 page ![]() REV. A ADMC(F)341 –31– 0 0 0 0 DM (0x2006) PORTA_INTEN (R/W) 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0 0 0 0 0 0 0 00 0 0 0 0 = INTERRUPT DISABLE 1 = INTERRUPT ENABLE 0 0 0 0 DM (0x2007) PORTA_FLAG (R/W) 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0 = INTERRUPT DISABLE 1 = INTERRUPT ENABLE 0 0 0 0 0 0 0 0 0 0 0 0 Figure 26. Configuration of Additional PIO Registers Default bit values are shown; if no value is shown, the bit field is undefined at reset. Reserved bits are shown on a gray field—these bits should always be written as shown. 0 0 0 0 DM (0x2010) AUXCH0 (R/W) 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 DM (0x2011) 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 DM (0x2012) 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 DM (0x2013) 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 AUX1 PERIOD = 2 (AUXTM1) tCK OFFSET = 2 (AUXTM1) tCK 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 TON, AUX0 = 2 (AUXCH0) tCK TON, AUX1 = 2 (AUXCH1) tCK AUX0 PERIOD = 2 (AUXTM0 + 1) tCK AUXCH1 (R/W) AUXTM0 (R/W) AUXTM1 (R/W) Figure 27. Configuration of Auxiliary PWM Register Default bit values are shown; if no value is shown, the bit field is undefined at reset. |