Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADMCF341 Fiches technique(PDF) 30 Page - Analog Devices

No de pièce ADMCF341
Description  28-Lead Flash and ROM Memory, Mixed-Signal DSPs with Enhanced Analog Front End
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADMCF341 Fiches technique(HTML) 30 Page - Analog Devices

Back Button ADMCF341_15 Datasheet HTML 26Page - Analog Devices ADMCF341_15 Datasheet HTML 27Page - Analog Devices ADMCF341_15 Datasheet HTML 28Page - Analog Devices ADMCF341_15 Datasheet HTML 29Page - Analog Devices ADMCF341_15 Datasheet HTML 30Page - Analog Devices ADMCF341_15 Datasheet HTML 31Page - Analog Devices ADMCF341_15 Datasheet HTML 32Page - Analog Devices ADMCF341_15 Datasheet HTML 33Page - Analog Devices ADMCF341_15 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
REV. A
–30–
ADMC(F)341
PORTA_DIR (R/W)
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
PA0-PA8
DM (0x2004)
0 = INPUT
1 = OUTPUT
PORTA_DATA (R/W)
0
0
0
00
0
0
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
PA0-PA8
DM (0x2005)
0 = LOW LEVEL
1 = HIGH LEVEL
0
0
0
00
0
0
0
PORTA_SELECT (R/W)
0
0
0
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
1
0
0
0
1
1
1
11
1
1
1
0 = DR0
1 = PA0
0 = DT0
1 = PA1
0 = RFS0
1 = PA2
0 = TFS0
1 = PA3
0 = AUX0/CLOCKOUT
1 = PA8
0 = AUX1/PWMSYNC
1 = PA7
0 = DR1
1 = PA6
0 = SCLK1/SCLK0
1 = PA4
0 = PWMSYNC
1 = AUX1
0 = DT1/FL1
1 = PA5
0 = CLOCKOUT
1 = AUX0
DM (0x2049)
Figure 25. Configuration of PIO Registers
Default bit values are shown; if no value is shown, the bit field is undefined at reset.
Reserved bits are shown on a gray field—these bits should always be written as shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36