Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MK2049-02 Fiches technique(PDF) 1 Page - Integrated Circuit Systems

No de pièce MK2049-02
Description  Communications Clock PLLs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ICST [Integrated Circuit Systems]
Site Internet  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK2049-02 Fiches technique(HTML) 1 Page - Integrated Circuit Systems

  MK2049-02 Datasheet HTML 1Page - Integrated Circuit Systems MK2049-02 Datasheet HTML 2Page - Integrated Circuit Systems MK2049-02 Datasheet HTML 3Page - Integrated Circuit Systems MK2049-02 Datasheet HTML 4Page - Integrated Circuit Systems MK2049-02 Datasheet HTML 5Page - Integrated Circuit Systems MK2049-02 Datasheet HTML 6Page - Integrated Circuit Systems MK2049-02 Datasheet HTML 7Page - Integrated Circuit Systems MK2049-02 Datasheet HTML 8Page - Integrated Circuit Systems MK2049-02 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MK2049-02/03
Communications Clock PLLs
MDS 2049-02/03 B
1
Revision 040601
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose • CA • 95126 • (408)295-9800tel• www.icst.com
• Packaged in 20 pin SOIC
• Fixed input-output phase relationship on most
clock selections
• Meets the TR62411, ETS300 011, and GR-1244
specification for MTIE, Pull-in/Hold-in Range,
Phase Transients, and Jitter Generation for
Stratum 3, 4, and 4E
• Accept multiple inputs: 8 kHz backplane clock,
Loop Timing frequencies, or 10-28 MHz
• Lock to 8 kHz ±100 ppm (External mode)
• Buffer Mode allows jitter attenuation of
10–28 MHz input and x1/x0.5 or x2/x4 outputs
• Exact internal ratios enable zero ppm error
• Output clock rates include T1, E1, T3, E3, ISDN,
xDSL, and OC3 submultiples
• 5 V ±5% operation. Refer to MK2049-34 for 3.3 V
The MK2049-02 and MK2049-03 are Phase-
Locked Loop (PLL) based clock synthesizers that
accept multiple input frequencies. With an 8 kHz
clock input as a reference, the MK2049-02/03
generate T1, E1, T3, E3, ISDN, xDSL, and other
communications frequencies. This allows for the
generation of clocks frequency-locked and phase-
locked to an 8 kHz backplane clock, simplifying
clock synchronization in communications systems.
The MK2049-02/03 can also accept a T1, E1, T3,
or E3 input clock and provide the same output for
loop timing. All outputs are frequency-locked
together and to the input.
These parts also have a jitter-attenuated buffer
capability. In this mode, the MK2049-02/03 are
ideal for filtering jitter from 27 MHz video clocks
or other clocks with high jitter.
ICS/MicroClock can customize these devices for
many other different frequencies. Contact your
ICS/MicroClock representative for more details.
Block Diagram
Description
Features
VDD
GND
PLL
Clock
Synthesis,
Control, and
Jitter
Attenuation
Circuitry
Output
Buffer
Output
Buffer
External/
Loop Timing
Mux
FS3:0
Clock
Input
CAP1
CAP2
CLK1
CLK2
Output
Buffer
CLK3
8 kHz
(External
Mode only)
Crystal
Oscillator
Reference
Crystal
X1
X2
4
4
3
RESET


Numéro de pièce similaire - MK2049-02

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Circuit Syst...
MK2049-01 ICST-MK2049-01 Datasheet
137Kb / 11P
Communications Clock PLL
Revision 040601
MK2049-01S ICST-MK2049-01S Datasheet
137Kb / 11P
Communications Clock PLL
Revision 040601
MK2049-01SI ICST-MK2049-01SI Datasheet
137Kb / 11P
Communications Clock PLL
Revision 040601
MK2049-01SITR ICST-MK2049-01SITR Datasheet
137Kb / 11P
Communications Clock PLL
Revision 040601
MK2049-01STR ICST-MK2049-01STR Datasheet
137Kb / 11P
Communications Clock PLL
Revision 040601
More results

Description similaire - MK2049-02

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Circuit Syst...
MK2042-01 ICST-MK2042-01 Datasheet
81Kb / 6P
Communications Clock Monitor
Revision 102600
MK2049-01 ICST-MK2049-01 Datasheet
137Kb / 11P
Communications Clock PLL
Revision 040601
MK2058-01 ICST-MK2058-01 Datasheet
150Kb / 10P
Communications Clock Jitter Attenuator
logo
Nippon Precision Circui...
SM8707 NPC-SM8707 Datasheet
133Kb / 20P
Clock Generator with Dual PLLs
logo
Integrated Circuit Syst...
MK2049-45 ICST-MK2049-45 Datasheet
182Kb / 9P
3.3V Communications Clock PLL
Revision 101904
logo
Analog Devices
AD9577 AD-AD9577 Datasheet
672Kb / 44P
Clock Generator with Dual PLLs
REV. 0
logo
Texas Instruments
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
LMK04100 Family Clock Jitter Cleaner with Cascaded PLLs
logo
Nippon Precision Circui...
SM8707E NPC-SM8707E Datasheet
380Kb / 12P
Clock Generator with Dual PLLs
logo
Texas Instruments
CDC5806 TI1-CDC5806_15 Datasheet
340Kb / 13P
THREE PLLs BASED CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com