Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MK2049-02 Fiches technique(PDF) 2 Page - Integrated Circuit Systems

No de pièce MK2049-02
Description  Communications Clock PLLs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ICST [Integrated Circuit Systems]
Site Internet  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK2049-02 Fiches technique(HTML) 2 Page - Integrated Circuit Systems

  MK2049-02 Datasheet HTML 1Page - Integrated Circuit Systems MK2049-02 Datasheet HTML 2Page - Integrated Circuit Systems MK2049-02 Datasheet HTML 3Page - Integrated Circuit Systems MK2049-02 Datasheet HTML 4Page - Integrated Circuit Systems MK2049-02 Datasheet HTML 5Page - Integrated Circuit Systems MK2049-02 Datasheet HTML 6Page - Integrated Circuit Systems MK2049-02 Datasheet HTML 7Page - Integrated Circuit Systems MK2049-02 Datasheet HTML 8Page - Integrated Circuit Systems MK2049-02 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MK2049-02/03
Communications Clock PLLs
MDS 2049-02/03 B
2
Revision 040601
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose • CA • 95126 • (408)295-9800tel• www.icst.com
Pin Descriptions
Type: XI, XO = crystal connections, I = Input, O = output, P = power supply connection, LF = loop filter
connections
Pin Assignment
20 pin (300 mil) SOIC
1
16
2
3
4
15
14
13
VDD
GND
X2
VDD
GND
5
6
7
8
12
11
10
9
FS3
X1
FS1
FS0
CAP1
ICLK
CLK3
CLK1
CLK2
18
17
19
20
VDD
VDD
FS2
GND
CAP2
RESET
Number
Name
Type Description
1
FS1
I
Frequency Select 1. Determines CLK input/outputs per tables on pages 4 & 5.
2
X2
XO Crystal connection. Connect to a MHz crystal as shown in the tables on pages 4 & 5.
3
X1
XI
Crystal connection. Connect to a MHz crystal as shown in the tables on pages 4 & 5.
4
VDD
P
Connect to +5V.
5
VDD
P
Connect to +5V.
6
VDD
P
Connect to +5V.
7
GND
P
Connect to ground.
8
CLK2
O
Clock 2 output determined by status of FS3:0 per tables on pages 4 & 5.
9
CLK1
O
Clock 1 output determined by status of FS3:0 per tables on pages 4 & 5. Always 1/2 of CLK2.
10
CLK3
O
Clock 3 as shown in tables on pages 4 &5; typically recovered 8 kHz clock output.
11
FS2
I
Frequency Select 2. Determines CLK input/outputs per tables on pages 4 & 5.
12
FS3
I
Frequency Select 3. Determines CLK input/outputs per tables on pages 4 & 5.
13
ICLK
I
Input clock connection. Connect to 8 kHz backplane or MHz clock.
14
GND
P
Connect to ground.
15
VDD
P
Connect to +5V.
16
CAP1
LF
Connect the loop filter ceramic capacitors and resistor between this pin and CAP2.
17
GND
P
Connect to ground.
18
CAP2
LF
Connect the loop filter ceramic capacitors and resistor between this pin and CAP1.
19
RESET
I
Reset pin. Resets internal PLL when low. Outputs will stop low. Internal pull-up resistor.
20
FS0
I
Frequency Select 0. Determines CLK input/outputs per tables on pages 4 & 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com