Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MK2049-02 Fiches technique(PDF) 5 Page - Integrated Circuit Systems

No de pièce MK2049-02
Description  Communications Clock PLLs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ICST [Integrated Circuit Systems]
Site Internet  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK2049-02 Fiches technique(HTML) 5 Page - Integrated Circuit Systems

  MK2049-02 Datasheet HTML 1Page - Integrated Circuit Systems MK2049-02 Datasheet HTML 2Page - Integrated Circuit Systems MK2049-02 Datasheet HTML 3Page - Integrated Circuit Systems MK2049-02 Datasheet HTML 4Page - Integrated Circuit Systems MK2049-02 Datasheet HTML 5Page - Integrated Circuit Systems MK2049-02 Datasheet HTML 6Page - Integrated Circuit Systems MK2049-02 Datasheet HTML 7Page - Integrated Circuit Systems MK2049-02 Datasheet HTML 8Page - Integrated Circuit Systems MK2049-02 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MK2049-02/03
Communications Clock PLLs
MDS 2049-02/03 B
5
Revision 040601
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose • CA • 95126 • (408)295-9800tel• www.icst.com
OPERATING MODES
The MK2049-02/03 have three operating modes: External, Loop Timing, and Buffer. Although each
mode uses an input clock to generate various output clocks, there are important differences in their input
and crystal requirements.
External Mode
The MK2049-02/03 accept an external 8 kHz clock and will produce a number of common communica-
tion clock frequencies. The 8 kHz input clock does not need to have a 50% duty cycle; a “high” or “on”
pulse as narrow as 10 ns is acceptable. In the MK2049-02, the rising edge of CLK2 is aligned with the
rising edge of the 8 kHz ICLK; refer to Figure 1 for more details. In the MK2049-03, the rising edges of
CLK1 and CLK2 are both aligned with the rising edge of the 8 kHz ICLK (unless noted in the shaded area
of the table); refer to Figure 2 for more details.
• 0 = connect directly to ground, 1 = connect directly to VDD.
• Crystal is connected to pins 2 and 3; clock input is applied to pin 13.
MK2049-03 Output Decoding Table – External Mode (MHz)
ICLK
FS3 FS2 FS1 FS0
CLK1
CLK2
CLK3
Crystal
8 kHz
0
0
0
0
1.544
3.088
8 kHz
12.352
8 kHz
0
0
0
1
2.048
4.096
8 kHz
12.288
8 kHz
0
0
1
0
18.688
37.376
8 kHz
9.344
8 kHz
0
0
1
1
7.68
15.36
8 kHz
10.24
8 kHz
0
1
0
0
19.44
38.88
8 kHz
9.72
8 kHz
0
1
0
1
16.384
32.768
8 kHz
8.192
8 kHz
0
1
1
0
24.576
49.152
8 kHz
12.288
8 kHz
0
1
1
1
8.64
17.28
8 kHz
11.52
8 kHz
1
0
1
0
12.416
24.832
8 kHz
12.416
8 kHz
1
0
1
1
18.528
37.056
1.544 MHz
12.352
8 kHz
1
1
0
0
10.24
20.48
8 kHz
10.24
8 kHz
1
1
0
1
4.096
8.192
8 kHz
8.192
ICLK
FS3 FS2 FS1 FS0
CLK1
CLK2
Crystal
CLK3
1.544
1
0
0
0
1.544
3.088
12.352
N/A
2.048
1
0
0
1
2.048
4.096
12.288
N/A
MK2049-03 Output Decoding Table – Loop Timing Mode (MHz) for T1/E1
ICLK
FS3 FS2 FS1 FS0
CLK1
CLK2
Crystal
CLK3
19 - 28
1
1
1
0
ICLK/2
ICLK
ICLK/2
N/A
10 - 14
1
1
1
1
2*ICLK
4*ICLK
ICLK
Low
MK2049-03 Output Decoding Table – Buffer Mode (MHz)
= No Zero (Fixed) I/O Delay for these selections shown in the shaded boxes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com