Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML7344J Fiches technique(PDF) 137 Page - List of Unclassifed Manufacturers

No de pièce ML7344J
Description  Sub-GHz band short range wireless transceiver IC
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

ML7344J Fiches technique(HTML) 137 Page - List of Unclassifed Manufacturers

Back Button ML7344J Datasheet HTML 133Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 134Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 135Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 136Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 137Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 138Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 139Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 140Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 141Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 151 page
background image
FEDL7344C/E/J-04
ML7344C/E/J
137/151
●Transition from IDLE to SLEEP
*1 : Clock input should be required for SLEEP transition. If TCXO is stopped during SLEEP stae, please wait
0.3μs after SLEEP command issued (SLEEP_EN([SLEEP/WU_SET: B0 0x2D(0)])=0b1) and then stop TCXO.
●Transition from TX/RX to SLEEP
*1 : If TCXO is used, please stop TCXO(clock) input after 1.3μs from INT[3] notification. by setting SLEEP command
(SLEEP_EN ([SLEEP/WU_SET: B0 0x2D(0)])=0b1).
OSC/Reg enable
CLK_INIT_DONE
[CLK_SET: B0 0x02]
SLEEP
command
0.3μs
SLEEP transition time *1
SLEEP_EN
[SLEEPWU_SET: B0 0x2D]
0x3(Force_TRX_OFF)
0x8(TRX_OFF)
0x8(TRX_OFF)
SET_TRX[3:0]
[RF_STATUS: B0 0x0B]
GET_TRX[3:0]
[RF_STATUS: B0 0x0B]
By SLEEP_EN=0b1,
automatic switching
OSC/Reg enable
1.3μs
Time required from INT[3]
to SLEEP *1
SLEEP_EN
[SLEEPWU_SET: B0 0x2D]
SET_TRX[3:0]
[RF_STATUS: B0 0x0B]
GET_TRX[3:0]
[RF_STATUS: B0 0x0B]
INT[3] (RF state transition completion)
[INT_SOURCE_GRP1: B0 0x0D]
1μs
CLK_INIT_DONE
[CLK_SET: B0 0x02]
0x6(RX_ON)
0x9(TX_ON)
0x3(Force_TRX_OFF)
By SLEEP_EN=0b1,
automatic switching
0x6(RX_ON)
0x9(TX_ON)
0x8(TRX_OFF)
From RX_ON:4μs
From TX_ON:147μs
SLEEP
command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More