Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML7344J Fiches technique(PDF) 59 Page - List of Unclassifed Manufacturers

No de pièce ML7344J
Description  Sub-GHz band short range wireless transceiver IC
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

ML7344J Fiches technique(HTML) 59 Page - List of Unclassifed Manufacturers

Back Button ML7344J Datasheet HTML 55Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 56Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 57Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 58Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 59Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 60Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 61Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 62Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 63Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 151 page
background image
FEDL7344C/E/J-04
ML7344C/E/J
59/151
(1) Interval operation
[RX]
After wake-up, RX_ON state. If continuous operation timer completed before SyncWord detection,
automatically move to SLEEP state. If SyncWord detected, continue RX_ON. After RX completion, conitune
operation defined by RXDONE_MODE[1:0] ([RF_STATUS_CTRL:B0 0x0A(3-2)]).
[TX]
After wake-up, TX_ON state. After TX completion, continue operation defined by TXDONE_MODE[1:0]
([RF_STATUS_CTRL: B0 0x08(1-0)]) .
If continuous operation timer completed, automatically return to SLEEP state. So continuous operation timer
has to be set so that timer completion occur after TX completion.
RXON
TXON
Wake-up timer
Continuous
operation timer
LSI state
RXON
TXON
Wake-up timer
Continuous
operation timer
LSI state
TX completion and move to
IDLE state.
In case of
TXDONE_MODE[1:0]=0b00
Wake-up operation
enables setting
Wake-up timer operation period
[WUT_INTERVAL_H/L: B0 0x2F/0x30)
Continuous operation timer range
[WU_DURATION: B0 0x28]
Continuous operation timer
completion, move to SLEEP state.
SLEEP
TXON
TX data write
to TX_FIFO
SLEEP
IDLE
TXON
SLEEP
IDLE
TXON
Wake-up timer
enable setting
Wake-up timer operation range
[WUT_INTERVAL_H/L: B0 0x2F/0x30]
SLEEP
RXON
Continuous operation timer range
[WU_DURATION: B0 0x31]
Before Continuous
operation timer
completion,
SyncWord detected.
After RX completion, move to
SLEEP state by SLEEP
command.
*1 If not issuing SLEEP
command, continue operation
defined by RXDONE_MDE[1:0]
SLEEP
RXON
SLEEP
RXON
SLEEP
*1
RXON
SLEEP
After Wake-up timer
completion , move to
RX_ON state.
Continuous operation
timer completion
move to SLEEP state.
[SLEEPWU_SET: B0 0x2D(6-4)]=0b011
[SLEEP/WU_SET: B0 0x2D(6-4)]=0b111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More