Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML7344J Fiches technique(PDF) 31 Page - List of Unclassifed Manufacturers

No de pièce ML7344J
Description  Sub-GHz band short range wireless transceiver IC
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

ML7344J Fiches technique(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button ML7344J Datasheet HTML 27Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 28Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 29Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 30Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 31Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 32Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 33Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 34Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 151 page
background image
FEDL7344C/E/J-04
ML7344C/E/J
31/151
●Packet Handling Function
●Packet format
ML7344 supports Wireless M-BUS frame FormatA/B, and Format C which is non Wireless M-BUS universal
format. The following packet handling are supported in FIFO mode or DIO mode
1) Preamble and SyncWord automatic insertion (TX)
--- DIO/FIFO mode
2) Preamble and SyncWord automatic detection (RX)
--- DIO/FIFOmode
3) Preamble and SyncWord automatic deletion (RX)
--- DIO/FIFO mode
4) CRC data insertion (TX)
--- FIFO mode
5) CRC check and error notification (RX)
--- DIO/FIFO mode
The following table shows the control bit relating with Packet format function.
Function
Control bit name
Packet format setting
PKT_FORMAT[1:0] ([PKT_CTRL1: B0 0x04(1-0)])
RX extended link layer mode disable
RX_EXTPKT_OFF ([PKT_CTRL1: B0 0x04(3)])
Data area bit order setting
DAT_LF_EN ([PKT_CTRL1: B0 0x04(4)])
Length area bit order setting
LEN_LF_EN ([PKT_CTRL1: B0 0x04(5)])
Extended link layer mode setting
EXT_PKT_MODE[1:0] ([PKT_CTRL1: B0 0x04(7-6)])
Length field setting
LENGTH_MODE ([PKT_CTRL2: B0 0x05(0)])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More