Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML7344J Fiches technique(PDF) 99 Page - List of Unclassifed Manufacturers

No de pièce ML7344J
Description  Sub-GHz band short range wireless transceiver IC
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

ML7344J Fiches technique(HTML) 99 Page - List of Unclassifed Manufacturers

Back Button ML7344J Datasheet HTML 95Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 96Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 97Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 98Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 99Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 100Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 101Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 102Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 103Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 151 page
background image
FEDL7344C/E/J-04
ML7344C/E/J
99/151
●Oscillation circuit adjustment
In case of using a crystal oscillator (ML7344xC), crystal oscillator frequency deviation can be tuned by
adjusting load capacitance of XIN pin (pin#5) and XOUT pin (pin #6). Load capacitance can be adjusted by
[OSC_ADJ1: B0 0x62] and [OSC_ADJ2: B0 0x63].
Adjustable capacitance is as follows:
[OSC_ADJ1] Coarse adjustment of load capacitance: 0.7pF/step (setting range: 0x00 to 0x0F)
[OSC_ADJ2] Fine adjustment of load capacitance: 0.02pF/step (setting range: 0x00 to 0x77)
OSC_ADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More