| Moteur de recherche de fiches techniques de composants électroniques |
|
ML7344J Fiches technique(PDF) 62 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ML7344J Fiches technique(HTML) 62 Page - List of Unclassifed Manufacturers |
|
62 / 151 page ![]() FEDL7344C/E/J-04 ML7344C/E/J 62/151 ●General purpose timer ML7344 has general purpose timer. 2 channel of timer are able to function independently. Clock sources, timer setting can be programmed independently. When timer is completed, General purpose timer 1 interrupt (INT[22] group3) or General purpose timer 2 interrupt (INT[23] group3)will be generated. General timer interval can be programmed as the following formula. General purpose timer interval[s] = general purpose timer clock cycle * Division setting ([GT_CLK_SET: B0 0x33]) * General purpose timer interval setting ([GT1_TIMER: B0 0x34] or [GT2_TIMER: B0 0x35]) By setting GT2/1_CLK_SOURCE ([GT_SET: B0 0x32(5,1)]), clock sources for general purpose timer can be selectable from wake-up timer clock or 2MHz. |