Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML7344J Fiches technique(PDF) 98 Page - List of Unclassifed Manufacturers

No de pièce ML7344J
Description  Sub-GHz band short range wireless transceiver IC
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

ML7344J Fiches technique(HTML) 98 Page - List of Unclassifed Manufacturers

Back Button ML7344J Datasheet HTML 94Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 95Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 96Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 97Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 98Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 99Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 100Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 101Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 102Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 151 page
background image
FEDL7344C/E/J-04
ML7344C/E/J
98/151
●Energy detection value (ED value) adjustment
ED value is calculated by RSSI signal (analog signal) from RF part, By performing the following adjustment, it
is possible to correct the variation in LSIs.
[ED value]
ED value is calculated as following formula,
RSSI value = 1.35 * (input level[dBm] – variations[dBm] – other losses[dBm]) + offset
ED value (CCA threshold) = (RSSI value + RSSI_ADJ) * RSSI_MAG_ADJ
Value
Item
High Sensitivity Mode
High Linearity Mode
offset
164.5
156
Variation (individual, temp.)[dBm]
10
7
Other loss[dBm]
Antenna, matching circuits loss
RSSI_ADJ
The setting of [RSSI_VAL:B1 0x14]
RSSI_MAG_ADJ
The setting of [RSSI_ADJ: B0 0x66]
[ED value asjustment]
At first, inputting the low-level signal to ANT terminal. Adjusting the RSSI_ADJ value so that ED_VALUE
[ED_RSLT:B0 0x3A(7-0)] indicates the target value of the low-level signal.. Next inputting the high-level signal
and adjusting the RSSI_MAG_ADJ value so that ED_VALUE indicates the target value of the high-level signal.
Repeat several times in accordance with the required accuracy.
RSSI_ADJ
(B0 0x66)
RSSI_MAG_ADJ
(B1 0x13)
RF input level
high
low-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More