| Moteur de recherche de fiches techniques de composants électroniques |
|
ML7344J Fiches technique(PDF) 133 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ML7344J Fiches technique(HTML) 133 Page - List of Unclassifed Manufacturers |
|
133 / 151 page ![]() FEDL7344C/E/J-04 ML7344C/E/J 133/151 ■Timing Chart The followings are operation timing for major functions. NOTE: Bold characters indicate pins related signals. Non bold characters indicate internal signals. ●Start-up *1 : For wake-up timing of VDD and RESETN, please refer to the “Reset characteristics”. *2 : When setting XTAL_EN(CLK_SET2:B0 0x03(4)))=0b1, it is possible to adjust to 10/50/250/500 μs, by setting OSC_W_SEL[1:0]([ADC_CLK_SET: B1 0x08(6-5)]). When using TCXO (TCXO_EN([CLK_SET2:B0 0x03(6)])=0b1), clock stabilization time is 5.5μs. *3 : [VCO_CAL_START:B0 0x6F] and [RF_STATUS:B0 0x0B] resister access is possible, but process is pending until REG_WAIT_DONE is asserted. 50μs *2 RESETN OSC/Reg enable VDD 500μs *1 Clock stabilization time Regulator voltage wake up time REG_WAIT_DONE SPI access prohibited RF operation possible INT[0] (CLK stabilized completion) [INT_SOURCE_GRP1: B0 0x0D] BANK0, 1 & 3 Access possible All BANK&FIFO Access possible Regulator stabilization time 625μs *3 |