Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM73963A Fiches technique(PDF) 2 Page - ELAN Microelectronics Corp

No de pièce EM73963A
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EMC [ELAN Microelectronics Corp]
Site Internet  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73963A Fiches technique(HTML) 2 Page - ELAN Microelectronics Corp

  EM73963A Datasheet HTML 1Page - ELAN Microelectronics Corp EM73963A Datasheet HTML 2Page - ELAN Microelectronics Corp EM73963A Datasheet HTML 3Page - ELAN Microelectronics Corp EM73963A Datasheet HTML 4Page - ELAN Microelectronics Corp EM73963A Datasheet HTML 5Page - ELAN Microelectronics Corp EM73963A Datasheet HTML 6Page - ELAN Microelectronics Corp EM73963A Datasheet HTML 7Page - ELAN Microelectronics Corp EM73963A Datasheet HTML 8Page - ELAN Microelectronics Corp EM73963A Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
2
* This specification are subject to be changed without notice.
6.14.2001
EM73963A
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
Symbol
Pin-type
Function
V
DD
Power supply (+)
V
SS
Power supply (-)
RESET
RESET-A
System reset input signal, low active
mask option :
none
pull-up
CLK
OSC-C
RC or external clock source connecting pin for high speed clock source.
LXIN
OSC-B/OSC-F Crystal/RC connecting pin for low speed clock source.
LXOUT
OSC-B/OSC-F Crystal/RC connecting pin for low speed clock source.
P0(0..3)/WAKEUP0..3
INPUT-B
4-bit input port with IDLE/STOP releasing function
mask option :
wakeup enable, pull-up
wakeup enable, none
wakeup disable, pull-up
wakeup disable, pull-down
wakeup disable, none
P4.0/SOUND
I/O-O
1-bit bidirection I/O port or inverse sound effect output
mask option :
SOUND enable, push-pull, high current PMOS
SOUND disable, open-drain
SOUND disable, push-pull, high current PMOS
SOUND disable, push-pull, low current PMOS
P8.0(INT1)/WAKEUPA I/O-L
2-bit bidirection I/O port with external interrupt sources input and IDLE
P8.2(INT0)/WAKEUPC
/STOP releasing function
mask option :
wakeup enable, push-pull
wakeup disable, push-pull
wakeup disable, open-drain
FUNCTION BLOCK DIAGRAM
PIN DESCRIPTIONS
Interrupt
Control
Time
Base
Timer/Counter
(TA,TB)
System Control
Instruction Decoder
Instruction Register
ROM
PC
Reset
Control
Clock
Generator
Timing
Generator
Clock Mode
Control
Data pointer
ACC
ALU
Flag
ZC
S
Stack pointer
Stack
RAM
HR
LR
I/O Control
P0.0/WAKEUP0
P0.1/WAKEUP1
P0.2/WAKEUP2
P0.3/WAKEUP3
RESET
CLK
LXOUT
SOUND GEN.
LCD Driver
V1~V4
LXIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com