Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM73963A Fiches technique(PDF) 6 Page - ELAN Microelectronics Corp

No de pièce EM73963A
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EMC [ELAN Microelectronics Corp]
Site Internet  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73963A Fiches technique(HTML) 6 Page - ELAN Microelectronics Corp

Back Button EM73963A Datasheet HTML 2Page - ELAN Microelectronics Corp EM73963A Datasheet HTML 3Page - ELAN Microelectronics Corp EM73963A Datasheet HTML 4Page - ELAN Microelectronics Corp EM73963A Datasheet HTML 5Page - ELAN Microelectronics Corp EM73963A Datasheet HTML 6Page - ELAN Microelectronics Corp EM73963A Datasheet HTML 7Page - ELAN Microelectronics Corp EM73963A Datasheet HTML 8Page - ELAN Microelectronics Corp EM73963A Datasheet HTML 9Page - ELAN Microelectronics Corp EM73963A Datasheet HTML 10Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6
* This specification are subject to be changed without notice.
6.14.2001
EM73963A
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
ZERO- PAGE:
From 000h to 00Fh is the zero-page location. It is used as the zero-page address mode pointer for the
instruction of "STD #k,y; ADD #k,y; CLR y,b; CMP k,y".
PROGRAM EXAMPLE: To wirte immediate data "07h" to RAM [03] and to clear bit 2 of RAM [0Eh].
STD #07h, 03h ; RAM[03] ← 07h
CLR 0Eh,2 ; RAM[0Eh]
2 ← 0
STACK:
There are 13 - level (maximum) stack levels that user can use for subroutine (including interrupt and CALL).
User can assign any level be the starting stack by providing the level number to stack pointer (SP).
When an instruction (CALL or interrupt) is invoked, before enter the subroutine, the previous PC address is
saved into the stack. Until returned from those subroutines, the PC value is restored by the data saved in stack.
DATA AREA:
Except the area used by user's application, the whole RAM can be used as data area for storing and loading
general data.
ADDRESSING MODE
The 372 nibble data memory consists of two banks (bank 0 and bank 1). There are 244x4 bits (address
000h~0F3h) in bank 0 and 128x4 bits (address 100h~17Fh) in bank 1.
Increment
Address
020h - 02Fh
0C0h - 0CFh
0D0h - 0DFh
0E0h - 0EFh
Level 0
Level 4
Level 8
Level 12
Level 1
Level 5
Level 9
Level 2
Level 6
Level 10
Level 3
Level 7
Level 11
Zero-page
000h - 00Fh
010h - 01Fh
0F0h - 0F3h
:
:
:
110h - 11Fh
160h - 16Fh
170h - 17Fh
100h - 10Fh
:
:
:
Bank 0
Bank 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com