Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM73963A Fiches technique(PDF) 14 Page - ELAN Microelectronics Corp

No de pièce EM73963A
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EMC [ELAN Microelectronics Corp]
Site Internet  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73963A Fiches technique(HTML) 14 Page - ELAN Microelectronics Corp

Back Button EM73963A Datasheet HTML 10Page - ELAN Microelectronics Corp EM73963A Datasheet HTML 11Page - ELAN Microelectronics Corp EM73963A Datasheet HTML 12Page - ELAN Microelectronics Corp EM73963A Datasheet HTML 13Page - ELAN Microelectronics Corp EM73963A Datasheet HTML 14Page - ELAN Microelectronics Corp EM73963A Datasheet HTML 15Page - ELAN Microelectronics Corp EM73963A Datasheet HTML 16Page - ELAN Microelectronics Corp EM73963A Datasheet HTML 17Page - ELAN Microelectronics Corp EM73963A Datasheet HTML 18Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
14
* This specification are subject to be changed without notice.
6.14.2001
EM73963A
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
SYSTEM CLOCK MODE CONTROL
The system clock mode controller can start or stop the high-frequency and low-frequency clock oscillator
and switch between the basic clocks. EM73963A has four operation modes (DUAL, SLOW,IDLE and
STOP operation modes).
Operation Mode
Oscillator
System Clock
Available function One instruction cycle
DUAL
High, Low frequency High frequency clock LCD, sound generator
8 / fc
SLOW
Low frequency
Low frequency clock
LCD
8 / fs
IDLE
Low frequency
CPU stops
LCD
-
STOP
None
CPU stops
All disable
-
DUAL OPERATION MODE
The 4-bit µc is in the DUAL operation mode when the CPU is reseted. This mode is dual clock system
(high-frequency and low-frequency clocks oscillating). It can be changed to SLOW or STOP operation
mode with the command register (P22 or P16).
LCD display and sound generator are available for the DUAL operation mode.
SLOW OPERATION MODE
The SLOW operation mode is single clock system (low-frequency clock oscillating). It can be changed to
the DUAL operation mode with the command register (P22), STOP operation mode with P16 and IDLE
operation mode with P19.
LCD display is available for the SLOW operation mode.
STOP
operation
mode
DUAL
operation
mode
IDLE
(CPU
stops)
SLOW
operation
mode
RESET
operation
High osc : stopped
Low osc : stopped
High osc : stopped
Low osc : oscillating
High osc : oscillating
Low osc : oscillating
High osc : stopped
Low osc : oscillating
Command
(P16)
Command
(P16)
Command
(P22)
Command
(P22)
Command
(P19)
Reset
Reset
Reset
Reset
Reset release
I/O wakeup
I/O or internal timer wakeup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com