Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM73963A Fiches technique(PDF) 5 Page - ELAN Microelectronics Corp

No de pièce EM73963A
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EMC [ELAN Microelectronics Corp]
Site Internet  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73963A Fiches technique(HTML) 5 Page - ELAN Microelectronics Corp

  EM73963A Datasheet HTML 1Page - ELAN Microelectronics Corp EM73963A Datasheet HTML 2Page - ELAN Microelectronics Corp EM73963A Datasheet HTML 3Page - ELAN Microelectronics Corp EM73963A Datasheet HTML 4Page - ELAN Microelectronics Corp EM73963A Datasheet HTML 5Page - ELAN Microelectronics Corp EM73963A Datasheet HTML 6Page - ELAN Microelectronics Corp EM73963A Datasheet HTML 7Page - ELAN Microelectronics Corp EM73963A Datasheet HTML 8Page - ELAN Microelectronics Corp EM73963A Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
5
* This specification are subject to be changed without notice.
EM73963A
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
6.14.2001
B
XA2
:
; - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
BANK 2
XB1 :
:
:
BXB
:
XB2 :
:
B
XB2
:
; - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
BANK 3
XC1 :
:
:
BXC
:
XC2 :
:
B
XC2
Fixed data can be read out by table-look-up instruction. Table-look-up instruction requires the Data point
(DP) to indicate the ROM address in obtaining the ROM code data (Except bank 0) :
LDAX
Acc ←
← ROM[DP]
L
LDAXI
Acc ←
← ROM[DP]
H,DP+1
DP is a 12-bit data register that stores the program ROM address as pointer for the ROM code data.
User has to initially load ROM address into DP with instructions "STADPL", and "STADPM, STADPH",
then to obtain the lower nibble of ROM code data by instruction "LDAX" and higher nibble by instruction
"LDAXI"
PROGRAM EXAMPLE: Read out the ROM code of address 1777h by table-look-up instruction.
LDIA #07h;
STADPL
; [DP]
L ← 07h
STADPM ; [DP]
M ← 07h
STADPH
; [DP]
H ← 07h, Load DP=777h
:
OUT #00H , P3 ; Set in bank 1
LDL #00h;
LDH #03h;
LDAX
; ACC ← 6h
STAMI
; RAM[30] ← 6h
LDAXI
; ACC ← 5h
STAM
; RAM[31] ← 5h
;
ORG 1777h
DATA 56h;
DATA RAM (372-nibble )
A total 372 - nibble data RAM is available from address 000 to 17Fh
Data RAM includes the zero page region, stacks and data area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com