Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM73963A Fiches technique(PDF) 4 Page - ELAN Microelectronics Corp

No de pièce EM73963A
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EMC [ELAN Microelectronics Corp]
Site Internet  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73963A Fiches technique(HTML) 4 Page - ELAN Microelectronics Corp

  EM73963A Datasheet HTML 1Page - ELAN Microelectronics Corp EM73963A Datasheet HTML 2Page - ELAN Microelectronics Corp EM73963A Datasheet HTML 3Page - ELAN Microelectronics Corp EM73963A Datasheet HTML 4Page - ELAN Microelectronics Corp EM73963A Datasheet HTML 5Page - ELAN Microelectronics Corp EM73963A Datasheet HTML 6Page - ELAN Microelectronics Corp EM73963A Datasheet HTML 7Page - ELAN Microelectronics Corp EM73963A Datasheet HTML 8Page - ELAN Microelectronics Corp EM73963A Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
4
* This specification are subject to be changed without notice.
6.14.2001
EM73963A
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
User's program and fixed data are stored in the program ROM. User's program is executed using the PC value
to fetch an instruction code.
The 16Kx8 bits program ROM can be divided into 4 banks. There are 4Kx8 bits per bank.
The program ROM bank is selected by P3(1..0). The program counter is a 13-bit binary counter. The PC
and P3 are initialized to "0" during reset.
When P3(1..0)=00B, the bank0 and bank1 of program ROM will be selected. P3(1..0)=01B, the bank0 and
bank2 will be selected.
Address
P3=xx00B
P3=xx01B
P3=xx10B
0000h
:
:
Bank0
Bank0
Bank0
0FFFh
1000h
:
:
Bank1
Bank2
Bank3
1FFFh
PROGRAM EXAMPLE:
BANK 0
START:
:
:
:
LDIA #00H
; set program ROM to bank1
OUTA P3
B
XA1
:
XA :
:
:
LDIA #01H
; set program ROM to bank2
OUTA P3
B
XB1
:
XB :
:
:
LDIA #02H
; set program ROM to bank3
OUTA P3
B
XC1
:
XC :
:
:
BXD
XD :
:
:
:
; - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
BANK 1
XA1 :
:
:
BXA
:
XA2 :
:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com