Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM73361A Fiches technique(PDF) 12 Page - ELAN Microelectronics Corp

No de pièce EM73361A
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EMC [ELAN Microelectronics Corp]
Site Internet  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73361A Fiches technique(HTML) 12 Page - ELAN Microelectronics Corp

Back Button EM73361A Datasheet HTML 8Page - ELAN Microelectronics Corp EM73361A Datasheet HTML 9Page - ELAN Microelectronics Corp EM73361A Datasheet HTML 10Page - ELAN Microelectronics Corp EM73361A Datasheet HTML 11Page - ELAN Microelectronics Corp EM73361A Datasheet HTML 12Page - ELAN Microelectronics Corp EM73361A Datasheet HTML 13Page - ELAN Microelectronics Corp EM73361A Datasheet HTML 14Page - ELAN Microelectronics Corp EM73361A Datasheet HTML 15Page - ELAN Microelectronics Corp EM73361A Datasheet HTML 16Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
12
* This specification are subject to be changed without notice.
10.8.2001
EM73361A
EM73361A
EM73361A
EM73361A
EM73361A
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
CLOCK AND TIMING GENERATOR FUNCTION
CLOCK AND TIMING GENERATOR FUNCTION
CLOCK AND TIMING GENERATOR FUNCTION
CLOCK AND TIMING GENERATOR FUNCTION
CLOCK AND TIMING GENERATOR FUNCTION
The frequency of fc is the oscillation frequency for XIN, XOUT by crystal ( resonator) or by RC osc.
When CPU sleeps, the XOUT pin will be in "high" state .
The instruction cycle equal 4 basic clock fc.
1 instructure cycle = 4 / fc
TIMING GENERATOR AND TIME BASE
TIMING GENERATOR AND TIME BASE
TIMING GENERATOR AND TIME BASE
TIMING GENERATOR AND TIME BASE
TIMING GENERATOR AND TIME BASE
The timing generator produces the system clock from basic clock pulse which can be normal mode or slow
mode clock.
1 instruction cycle = 4 basic clock pulses
There are 22 stages time base .
When working in the single clock mode, the timebase clock source is come from fc.
Time base provides basic frequency for following function:
1. TBI (time base interrupt) .
2. Timer/counter, internal clock source.
3. Warm-up time for sleep - mode releasing.
TIME BASE INTERRUPT (TBI )
TIME BASE INTERRUPT (TBI )
TIME BASE INTERRUPT (TBI )
TIME BASE INTERRUPT (TBI )
TIME BASE INTERRUPT (TBI )
The time base can be used to generate a fixed frequency interrupt . There are 8 kinds of frequencies can be
selected by setting "P25"
Single clock mode
P25
3
2
1
0
( initial value 0000 )
0 0 x x: Interrupt disable
0 1 0 0: Interrupt frequency XIN / 29 Hz
0 1 0 1: Interrupt frequency XIN / 210 Hz
0 1 1 0: Interrupt frequency XIN / 212 Hz
0 1 1 1: Interrupt frequency XIN / 213 Hz
1 1 0 0: Interrupt frequency XIN / 214 Hz
1 1 0 1: Interrupt frequency XIN / 215 Hz
1 1 1 0: Interrupt frequency XIN / 216 Hz
1 1 1 1: Interrupt frequency XIN / 217 Hz
1 0 x x: Reserved
fc
Prescaler
Binary counter
12
3
0
5
6 7
8
9 10 11 12 13
421
20
19
18
17
16
15
14
XIN
XOUT
Crystal connection
XIN
XOUT
Resistor connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com