Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM73361A Fiches technique(PDF) 6 Page - ELAN Microelectronics Corp

No de pièce EM73361A
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EMC [ELAN Microelectronics Corp]
Site Internet  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73361A Fiches technique(HTML) 6 Page - ELAN Microelectronics Corp

Back Button EM73361A Datasheet HTML 2Page - ELAN Microelectronics Corp EM73361A Datasheet HTML 3Page - ELAN Microelectronics Corp EM73361A Datasheet HTML 4Page - ELAN Microelectronics Corp EM73361A Datasheet HTML 5Page - ELAN Microelectronics Corp EM73361A Datasheet HTML 6Page - ELAN Microelectronics Corp EM73361A Datasheet HTML 7Page - ELAN Microelectronics Corp EM73361A Datasheet HTML 8Page - ELAN Microelectronics Corp EM73361A Datasheet HTML 9Page - ELAN Microelectronics Corp EM73361A Datasheet HTML 10Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
6
* This specification are subject to be changed without notice.
10.8.2001
EM73361A
EM73361A
EM73361A
EM73361A
EM73361A
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
When user using any instruction of CALL or subroutine, before entry the subroutine, the previous PC address
will be saved into stack until return from those subroutines, the PC value will be restored by the data saved
in stack.
DATA AREA:
Except the special area used by user, the whole RAM can be used as data area for storing and loading general
data.
ADDRESSING MODE
(1) Indirect addressing mode:
Indirect addressing mode indicates the RAM address by specified HL register.
For example: LDAM ; Acc
← RAM[HL]
STAM ; RAM[HL]
← Acc
(2) Direct addressing mode:
Direct addressing mode indicates the RAM address by immediate data.
For example: LDA x ; Acc
← RAM[x]
STA x ; RAM[x]
← Acc
(3) Zero-page addressing mode
For zero-page region, user can using direct addressing to write or do any arithematic, comparsion or bit
manupulated operation directly.
For example: STD #k,y ; RAM[y]
← #k
ADD #k,y; RAM[y]
← RAM[y] + #k
PROGRAM COUNTER (3K ROM)
PROGRAM COUNTER (3K ROM)
PROGRAM COUNTER (3K ROM)
PROGRAM COUNTER (3K ROM)
PROGRAM COUNTER (3K ROM)
Program counter ( PC ) is composed by a 12-bit counter, which indicates the next executed address for the
instruction of program ROM.
For a 3K - byte size ROM, PC can indicate address form 000h - BFFh, for BRANCH and CALL instrcutions,
PC is changed by instruction indicating.
(1) Branch instruction:
(1) Branch instruction:
(1) Branch instruction:
(1) Branch instruction:
(1) Branch instruction:
SBR a
SBR a
SBR a
SBR a
SBR a
Object code: 00aa aaaa
Condition: SF=1; PC
← PC
11-6.a ( branch condition satisified )
PC Hold original PC value+1 a
aaaaa
SF=0; PC
← PC +1( branch condition not satisified)
PC
Original PC value + 1
LBR a
LBR a
LBR a
LBR a
LBR a
Object code: 1100 aaaa aaaa aaaa
Condition: SF=1; PC
← a ( branch condition satisified)
PC aaaaaaaaaaaa



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com