Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM73361A Fiches technique(PDF) 7 Page - ELAN Microelectronics Corp

No de pièce EM73361A
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EMC [ELAN Microelectronics Corp]
Site Internet  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73361A Fiches technique(HTML) 7 Page - ELAN Microelectronics Corp

Back Button EM73361A Datasheet HTML 3Page - ELAN Microelectronics Corp EM73361A Datasheet HTML 4Page - ELAN Microelectronics Corp EM73361A Datasheet HTML 5Page - ELAN Microelectronics Corp EM73361A Datasheet HTML 6Page - ELAN Microelectronics Corp EM73361A Datasheet HTML 7Page - ELAN Microelectronics Corp EM73361A Datasheet HTML 8Page - ELAN Microelectronics Corp EM73361A Datasheet HTML 9Page - ELAN Microelectronics Corp EM73361A Datasheet HTML 10Page - ELAN Microelectronics Corp EM73361A Datasheet HTML 11Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
7
* This specification are subject to be changed without notice.
10.8.2001
EM73361A
EM73361A
EM73361A
EM73361A
EM73361A
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
SF=0 ; PC
← PC + 2 ( branch condition not satisified )
PC
Original PC value + 2
(2) Subroutine instruction:
(2) Subroutine instruction:
(2) Subroutine instruction:
(2) Subroutine instruction:
(2) Subroutine instruction:
SCALL a
SCALL a
SCALL a
SCALL a
SCALL a
Object code: 1110 nnnn
Condition : PC
← a ; a=8n+6 ; n=1..15 ; a=86h, n=0
LCALL a
LCALL a
LCALL a
LCALL a
LCALL a
Object code: 0100 0aaa aaaa aaaa
Condition: PC
← a
PC 0
aaaaaaaaaaa
RET
RET
RET
RET
RET
Object code: 0100 1111
Condition: PC
← STACK[SP]; SP + 1
PC
The return address stored in stack
RT I
RT I
RT I
RT I
RT I
Object code: 0100 1101
Condition : FLAG. PC
← STACK[SP]; EI ← 1; SP + 1
PC
The return address stored in stack
(3) Interrupt acceptance operation:
(3) Interrupt acceptance operation:
(3) Interrupt acceptance operation:
(3) Interrupt acceptance operation:
(3) Interrupt acceptance operation:
When an interrupt is accepted, the original PC is pushed into stack and interrupt vector will be loaded into
PC,The interrupt vectors are as following:
INT0
INT0
INT0
INT0
INT0 (External interrupt from P0.2)
PC 000000000010
TRGA
TRGA
TRGA
TRGA
TRGA (Timer A overflow interrupt)
PC 000000000110
TRGB
TRGB
TRGB
TRGB
TRGB (Time B overflow interrupt)
PC 000000001000
TBI
TBI
TBI
TBI
TBI (Time base interrupt)
PC 000000001010
PC
0
0
0
0
a
a
a
a
a
a
a
a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com