Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM73361A Fiches technique(PDF) 1 Page - ELAN Microelectronics Corp

No de pièce EM73361A
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EMC [ELAN Microelectronics Corp]
Site Internet  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73361A Fiches technique(HTML) 1 Page - ELAN Microelectronics Corp

  EM73361A Datasheet HTML 1Page - ELAN Microelectronics Corp EM73361A Datasheet HTML 2Page - ELAN Microelectronics Corp EM73361A Datasheet HTML 3Page - ELAN Microelectronics Corp EM73361A Datasheet HTML 4Page - ELAN Microelectronics Corp EM73361A Datasheet HTML 5Page - ELAN Microelectronics Corp EM73361A Datasheet HTML 6Page - ELAN Microelectronics Corp EM73361A Datasheet HTML 7Page - ELAN Microelectronics Corp EM73361A Datasheet HTML 8Page - ELAN Microelectronics Corp EM73361A Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
1
* This specification are subject to be changed without notice.
10.8.2001
EM73361A
EM73361A
EM73361A
EM73361A
EM73361A
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
GENERAL DESCRIPTION
GENERAL DESCRIPTION
GENERAL DESCRIPTION
GENERAL DESCRIPTION
GENERAL DESCRIPTION
EM73361A is an advanced single chip CMOS 4-bit micro-controller. It contains 3K-byte ROM, 52-nibble RAM,
4-bit ALU, 13-level subroutine nesting, 22-stage time base, two 12-bit timer/counters for the kernel function.
EM73361A also contains 3 interrupt sources, 1 input port, 4 bidirection I/O ports, built-in watch-dog-timer
counter, tone generator and LCD driver (27x3 to 13x3).
Except low-power consumption and high speed, EM73361A also have a sleep mode operation for power saving.
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
• Operation voltage
: 2.2V to 3.6V(clock frequency : 32K Hz).
• Clock source
: Single clock system for crystal, connect a external resistor or external clock
source available by mask option.
• Instruction set
: 109 powerful instructions.
• Instruction cycle time
: 122µs for 32K Hz.
• ROM capacity
: 3072 X 8 bits.
• RAM capacity
: 52 X 4 bits.
• Input port
: 1 port (P0)(Pull-up and pull-down resistor with wakeup function available by
mask option).
• Bidirection port
: 4 ports (P4, P5, P6, P7) are available by mask option. (each I/O pin is push-pull
and open-drain available by mask option) P4.0 is high current pin (P4.0 and
TONE available by mask option). P4.2~P4.3, P5, P6 and P7 are shared with
SEG26-SEG13 by mask option.
• 12-bit timer/counter
: Two 12-bit timer/counters are programmable for timer mode.
• Low voltage reset (LVR) : Reset at 1.5V, and reset release at 1.8V.
• Tone generator
: There is a built-in tone generator.
• Built-in time base counter : 22 stages.
• Subroutine nesting
: Up to 13 levels.
• Interrupt
: External . . . . . 2 External interrupt (INT0, INT1).
Internal . . . . . . 2 Timer overflow interrupts.
1 Time base interrupt.
• LCD driver
: 27 X 3 to 13 X 3 dots available by mask option. Capacitor divider and resistor
divider are available by mask option.1/3, 1/2 and static three kinds of duty (1/2
bias) selectable. The programming method of LCD driver is I/O mapping.
• Built-in watch-dog-timer : The WDT is enabled or disabled by mask option.
• Power saving function
: Sleep mode and Hold mode.
• Package type
: EM73361AAH
Chip form
46 pins.
EM73361AAQ
QFP
100 pins.
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
EM73361A is suitable for application in family appliance, consumer products, hand held games and the toy
controller.


Numéro de pièce similaire - EM73361A

FabricantNo de pièceFiches techniqueDescription
logo
ELAN Microelectronics C...
EM73362 EMC-EM73362 Datasheet
219Kb / 40P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
More results

Description similaire - EM73361A

FabricantNo de pièceFiches techniqueDescription
logo
ELAN Microelectronics C...
EM73461A EMC-EM73461A Datasheet
190Kb / 33P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73469A EMC-EM73469A Datasheet
188Kb / 33P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73866 EMC-EM73866 Datasheet
254Kb / 39P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73880 EMC-EM73880 Datasheet
222Kb / 40P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73963A EMC-EM73963A Datasheet
420Kb / 38P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73A83 EMC-EM73A83 Datasheet
216Kb / 40P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73A89B EMC-EM73A89B Datasheet
394Kb / 58P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73C63 EMC-EM73C63 Datasheet
220Kb / 40P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73PA88A EMC-EM73PA88A Datasheet
410Kb / 45P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73MA89B EMC-EM73MA89B Datasheet
331Kb / 64P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com